Part Number Hot Search : 
GRM155 SM130DT P6KE440 AQW612SX 21H2H 0512SH DB25SL26 47ZQP
Product Description
Full Text Search
 

To Download AIRD-110B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THROUGH-HOLE RADIAL LEADED INDUCTOR
AIRD-110A&B SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
Part Number
2
L1,4 (H) 1.0 1.0 3.3 4.7 4.7 4.7 10 10 10 10 15 15 22 22 22 27 33 47 47 47 82 100 100 100 150 150 180 220 270 270 390 390
IDC5 (A) 25 10 10 3 10 20 3 5 10 20 3 10 3 5 10 5 12 3 5 10 3 1 3 5 3 5 5 3 4 10 3 5
DCR ( MAX) 0.002 0.002 0.005 0.021 0.012 0.004 0.023 0.017 0.015 0.006 0.025 0.020 0.035 0.023 0.015 0.024 0.017 0.050 0.035 0.022 0.110 0.190 0.072 0.055 0.140 0.065 0.110 0.210 0.250 0.160 0.250 0.190
A6 (MAX) 0.60/15.2 0.50/12.7 0.5/12.7 0.51/13.0 0.50/12.7 0.53/13.5 0.50/12.7 0.50/12.7 0.52/13.2 0.75/19.1 0.50/12.7 0.52/13.2 0.50/12.7 0.50/12.7 0.66/16.8 0.50/12.7 0.70/17.8 0.55/14.0 0.65/16.5 0.85/21.6 0.50/12.7 0.40/10.2 0.55/14.0 0.65/16.5 0.60/15.2 0.65/16.5 0.65/16.5 0.55/14.0 0.95/24 1.1/28 1.1/28 1.1/28
B6 (MAX) 0.68/17.3 0.75/19.1 1.0/25.4 0.75/19.1 1.0/25.4 1.2/30.5 0.75/19.1 0.75/19.1 1.0/25.4 1.8/45.7 1.0/25.4 1.0/25.4 1.0/25.4 1.0/25.4 1.3/33.0 1.0/25.4 1.3/33.0 1.0/25.4 1.1/28.0 1.3/33.0 0.65/16.5 0.90/22.9 1.2/30.5 1.3/33.0 1.2/30.5 1.3/33.0 1.3/33.0 1.2/30.5 0.72/18.3 1.0/25.4 1.0/25.4 1.0/25.4
C6 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.60/15.2 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.42/10.7 0.49/12.5 0.55/14.0 0.42/10.7 0.70/17.8 0.70/17.8 0.375/9.5 0.30/7.6 0.70/17.8 0.70/17.8 0.43/10.9 0.70/17.8 0.70/17.8 0.42/10.7 0.71/18 0.72/18.3 0.72/18.3 0.72/18.3
D6 0.068/1.73 0.054/1.37 0.054/1.37 0.035/0.89 0.054/1.37 0.068/1.73 0.035/0.89 0.042/1.07 0.054/1.37 0.075/1.91 0.035/0.89 0.054/1.37 0.035/0.89 0.035/0.89 0.060/1.52 0.042/1.07 0.060/1.52 0.035/0.89 0.042/1.07 0.060/1.52 0.028/0.71 0.020/0.51 0.035/0.89 0.042/1.07 0.028/0.71 0.042/1.07 0.042/1.07 0.025/0.64 0.030/0.76 0.038/0.097 0.035/0.89 0.038/0.97
AIRD-110A-1R0K-25 AIRD-110A-1R0K-10 AIRD-110A-3R3K-10 AIRD-110A-4R7K-03 AIRD-110A-4R7K-10 AIRD-110A-4R7K-20 AIRD-110A-100K-03 AIRD-110A-100K-05 AIRD-110A-100K-10 AIRD-110A-100K-20 AIRD-110A-150K-03 AIRD-110A-150K-10 AIRD-110A-220K-03 AIRD-110A-220K-05 AIRD-110A-220K-10 AIRD-110A-270K-05 AIRD-110A-330K-12 AIRD-110A-470K-03 AIRD-110A-470K-05 AIRD-110A-470K-10 AIRD-110A-820K-03 AIRD-110A-101K-01 AIRD-110A-101K-03 AIRD-110A-101K-05 AIRD-110A-151K-03 AIRD-110A-151K-05 AIRD-110A-181K-05 AIRD-110A-221K-03 AIRD-110A-271K-04 AIRD-110A-271K-10 AIRD-110A-391K-03 AIRD-110A-391K-05
PHYSICAL CHARACTERISTICS:
A
TECHNICAL INFORMATION:
* Inductance (L) measured @ 10 kHz 0.1 VRMS. * Note 2: Change A to B in P/N for header mounting * Operating temperature -40oC to 125oC * Inductance (L) tolerance: j = 5%, k = 10%, m = 20% * Rating for continuous operation * Dimensions: inches / mm; see spec sheet for tolerance limits Note: All specifications subject to change without notice.
B See Note #2 D 0.250 (6,35)
C
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-8/04
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of AIRD-110B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X